Part Number Hot Search : 
1V67602S SI8410 2S241 D6125Q AN90B70S SMBJ60 TSH75CD FAN7530N
Product Description
Full Text Search
 

To Download LSF811C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LSF811C1
Infrared Emitting Diode
RELATIVE POWER OUTPUT(%)
High-output Power Compact High Reliability APPLICATIONS Optical Switches Optical Sensors Medical Application FEATURES
Anode @
Cathode Dimensions (Unit:mm)
A
SPECTRAL OUTPUT 120 100 80 60 40 20 0 710 810 910 WAVELENGTH(nm)
1. ABSOLUTE MAXIMUM RATINGS (Ta=25*Z) ITEM SYMBOL RATINGS 60 Forward Current (DC) IF 0.5 Forward Current (Pulse)*1 IFP 5 Reverse Voltage VR 120 Power Dissipation PD Topr Operating Temp. -20 TO 85 Tstg Storage Temp. -30 TO 100 100 Junction Temp. Tj Lead Soldering Temp.*2 260 Tls *1:Tw=10uS,T=10mS *2:Time 5 Sec max,Position:Up to 3mm from the body
UNIT mA A V mW *Z *Z *Z *Z
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com
LSF811C1
Infrared Emitting Diode
RELATIVE POWER vs FORWARD FORWARD I-V CHARACTERISTICS RADIATION PATTERN CURRENT 400 120 80 350 70 100 300 60 80 250 50 60 200 40 150 30 40 20 100 20 10 50 0 0 0 -90 -60 -30 0 30 60 90 0 1 2 3 0 20 40 60 80 BEAM ANGLE(deg.) FORWARD VOLTAGE(V) FORWARD CURRENT(mA) FORWARD VOLTAGE vs TEMPERATURE THERMAL DERATING CURVE POWER OUTPUT vs TEMPERATURE IF=10mA IF=10mA 1.6 80 140 70 120 1.5 60 100 1.4 50 80 1.3 40 60 30 1.2 40 20 1.1 20 10 1 0 0 -30 0 30 60 90 -30 0 30 60 90 -30 0 30 60 90 AMBIENT TEMPERATURE(*Z) AMBIENT TEMPERATURE(*Z) AMBIENT TEMPERATURE(*Z) FORWARD VOLTAGE(V) RELATIVE POWER OUTPUT(%)
910
FORWARD CURRENT(mA)
RELATIVE POWER OUTPUT(%)
RELATIVE POWER OUTPUT(%)
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25*Z ) CONDITIONS ITEM SYMBOL IF=20mA Power Output PO IF=20mA Forward Voltage VF VR=5V Reverse Current IR Peak Wavelength Ep IF=20mA Spectral Line Half Width E IF=20mA Half Intensity Beam Angle AE IF=20mA IFP=50mA Rise Time Tr Fall Time IFP=50mA Tf Junction Capacitance 1MHz ,V=0V Cj Temp. Coefficient of PO IF=10mA P/T IF=10mA Temp. Coefficient of VF V/T FORWARD CURRENT(mA)
MIN
TYP 6.5 1.4 810 30 25 *| *| 60 -0.6 -2.0
MAX
UNIT mW 1.9 V 100 EA nm nm deg. nS nS pF %/*Z mV/*Z


▲Up To Search▲   

 
Price & Availability of LSF811C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X